Part Number Hot Search : 
FU9024 12C10 SMCJ30 TLWR8 121001 MMBD142W FDS8958 AM7960DC
Product Description
Full Text Search
 

To Download DDTA143FCA-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30334 rev. 4 - 2 1 of 4 ddta (r1  r2 series) ca www.diodes.com  diodes incor p orated ddta (r1  r2 series) ca pnp pre-biased small signal sot-23 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1  r2  available in lead free/rohs compliant version (note 2) characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v in +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 v output current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i o -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features mechanical data  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 2  marking: date code and marking code (see table below & page 3)  ordering information (see page 2)  weight: 0.008 grams (approximate) t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd out p/n r1 (nom) r2 (nom) marking ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca 1k  2.2k  2.2k  4.7k  4.7k  4.7k  10k  10k  22k  47k  47k  10k  10k  47k  10k  22k  47k  47k  4.7k  47k  10k  22k  p02 p05 p06 p09 p10 p11 p14 p15 p18 p21 p22 sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. a m j l f d b c h k g b e c maximum ratings @ t a = 25  c unless otherwise specified
ds30334 rev. 4 - 2 2 of 4 ddta (r1  r2 series) ca www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(off) -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8  v v cc = 5v, i o = 100 a ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(on)  -3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -3ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -1ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma output voltage v o(on)  -0.1 -0.3 v i o /i l = -5ma/-0.25ma ddta123jca i o /i l = -5ma/-0.25ma ddta143zca i o /i l = -5ma/-0.25ma ddta114yca i o /i l = -10ma/-0.5ma all others input current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i l  -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 ma v i = -5v output current i o(off)  -0.5 a v cc = -50v, v i = 0v dc current gain ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca g l -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56   v o = -5v, i o = -10ma input resistor tolerance
r 1 -30  +30 %  resistance ratio tolerance
r 2 /r 1 -20  +20 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only device packaging shipping ddta113zca-7 sot-23 3000/tape & reel ddta123yca-7 sot-23 3000/tape & reel ddta123jca-7 sot-23 3000/tape & reel ddta143xca-7 sot-23 3000/tape & reel DDTA143FCA-7 sot-23 3000/tape & reel ddta143zca-7 sot-23 3000/tape & reel ddta114yca-7 sot-23 3000/tape & reel ddta114wca-7 sot-23 3000/tape & reel ddta124xca-7 sot-23 3000/tape & reel ddta144vca-7 sot-23 3000/tape & reel ddta144wca-7 sot-23 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part numbers, please add "-f" suffix to the part numbers above. examp le: ddta144wca-7-f. ordering information (note 3)
ds30334 rev. 4 - 2 3 of 4 ddta (r1  r2 series) ca www.diodes.com t c u d o r p w e n month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information
ds30334 rev. 4 - 2 4 of 4 ddta (r1  r2 series) ca www.diodes.com t c u d o r p w e n 0.1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 0.1 v = 5v o 75c 0 2 4 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 8 10 i=0v e 10 1000 100 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddta123jca


▲Up To Search▲   

 
Price & Availability of DDTA143FCA-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X